công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58PR001LE bảng dữ liệu(PDF) 33 Page - Numonyx B.V

tên linh kiện M58PR001LE
Giải thích chi tiết về linh kiện  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE bảng dữ liệu(HTML) 33 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 29Page - Numonyx B.V M58PR001LE Datasheet HTML 30Page - Numonyx B.V M58PR001LE Datasheet HTML 31Page - Numonyx B.V M58PR001LE Datasheet HTML 32Page - Numonyx B.V M58PR001LE Datasheet HTML 33Page - Numonyx B.V M58PR001LE Datasheet HTML 34Page - Numonyx B.V M58PR001LE Datasheet HTML 35Page - Numonyx B.V M58PR001LE Datasheet HTML 36Page - Numonyx B.V M58PR001LE Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface
33/123
4.13
Set Configuration Register command
The Set Configuration Register command writes a new value to the configuration register.
Two bus write cycles are required to issue the Set Configuration Register command.
●
The first cycle sets up the Set Configuration Register command and the address
corresponding to the configuration register content.
●
The second cycle writes the configuration register data and the confirm command.
The configuration register data must be written as an address during the bus write cycles,
such as A0 = CR0, A1 = CR1, …, A15 = CR15. Addresses A16-Amax are ignored.
Read operations output the array content after the Set Configuration Register command is
issued.
The Read Electronic Signature command is required to read the updated contents of the
configuration register.
4.14
Block Lock command
The Block Lock command is used to lock a block and prevent program or erase operations
from changing the data in it. All blocks are locked after power-up or reset.
Two bus write cycles are required to issue the Block Lock command.
●
The first bus cycle sets up the Block Lock command.
●
The second bus write cycle latches the block address and locks the block.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 21 shows the lock status after issuing a Block Lock command.
Once set, the block lock bits remain set even after a hardware reset or power-down/power-
up. They are cleared by a Block Unlock command.
Refer to Section 12: Block locking for a detailed explanation. See Appendix C, Figure 29:
Main array and EFA locking operations flowchart and pseudocode for a flowchart for using
the Lock command.
4.15
Block Unlock command
The Block Unlock command unlocks a block, allowing the block to be programmed or
erased.
Two bus write cycles are required to issue the Block Unlock command.
●
The first bus cycle sets up the Block Unlock command.
●
The second bus write cycle latches the block address and unlocks the block.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 21 shows the protection status after issuing a Block Unlock command.
Refer to Section 12: Block locking for a detailed explanation and Appendix C, Figure 29:
Main array and EFA locking operations flowchart and pseudocode for a flowchart for using
the Block Unlock command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com