công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58PR001LE bảng dữ liệu(PDF) 18 Page - Numonyx B.V

tên linh kiện M58PR001LE
Giải thích chi tiết về linh kiện  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE bảng dữ liệu(HTML) 18 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 14Page - Numonyx B.V M58PR001LE Datasheet HTML 15Page - Numonyx B.V M58PR001LE Datasheet HTML 16Page - Numonyx B.V M58PR001LE Datasheet HTML 17Page - Numonyx B.V M58PR001LE Datasheet HTML 18Page - Numonyx B.V M58PR001LE Datasheet HTML 19Page - Numonyx B.V M58PR001LE Datasheet HTML 20Page - Numonyx B.V M58PR001LE Datasheet HTML 21Page - Numonyx B.V M58PR001LE Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 123 page
background image
Signal descriptions
M58PR512LE, M58PR001LE
18/123
2.7
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode, this means the outputs are high impedance and the current
consumption is reduced to the reset supply current IDD2. Refer to Table 26: DC
characteristics - currents for the value of IDD2. After Reset, all blocks are in the locked state
and the configuration register is reset. When Reset is at VIH, the device is in normal
operation. Exiting reset mode the device enters asynchronous read mode, but a negative
transition of Chip Enable or Latch Enable is required to ensure valid data outputs.
The Reset pin can be interfaced with 3 V logic without any additional circuitry, and can be
tied to VRPH (refer to Table 27: DC characteristics - voltages).
2.8
Deep power-down (DPD)
The deep power-down input is used to put the device in deep power-down mode.
When the device is in standby mode and the enhanced configuration register bit ECR15 is
set, asserting the deep power-down input will cause the memory to enter the deep power-
down mode.
When the device is in the deep power-down mode, the memory cannot be modified and the
data is protected.
The polarity of the DPD pin is determined by ECR14. The deep power-down input is active
Low by default.
2.9
Latch Enable (L)
Latch Enable latches the address bits on its rising edge. The address latch is transparent
when Latch Enable is at VIL and it is inhibited when Latch Enable is at VIH. Latch Enable can
be kept Low (also at board level) when the Latch Enable function is not required or
supported.
2.10
Clock (K)
The clock input synchronizes the memory to the microcontroller during synchronous read
operations; the address is latched on a Clock edge when Latch Enable is at VIL. Clock is
ignored during asynchronous read and in write operations.
2.11
Wait (WAIT)
Wait is an output signal used during synchronous read to indicate whether the data on the
output bus are valid. This output is high impedance when Chip Enable is at VIH, Output
Enable is at VIH, or Reset is at VIL. It can be configured to be active during the wait cycle or
one data cycle in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com