công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58PR001LE bảng dữ liệu(PDF) 48 Page - Numonyx B.V

tên linh kiện M58PR001LE
Giải thích chi tiết về linh kiện  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE bảng dữ liệu(HTML) 48 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 44Page - Numonyx B.V M58PR001LE Datasheet HTML 45Page - Numonyx B.V M58PR001LE Datasheet HTML 46Page - Numonyx B.V M58PR001LE Datasheet HTML 47Page - Numonyx B.V M58PR001LE Datasheet HTML 48Page - Numonyx B.V M58PR001LE Datasheet HTML 49Page - Numonyx B.V M58PR001LE Datasheet HTML 50Page - Numonyx B.V M58PR001LE Datasheet HTML 51Page - Numonyx B.V M58PR001LE Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 123 page
background image
Status register
M58PR512LE, M58PR001LE
48/123
6
Status register
The status register provides information on the current or previous program or erase
operations. Issue a Read Status Register command to read the contents of the status
register (refer to Section 4.2 for more details on the command itself).
To output the contents, the status register is latched and updated on the falling edge of the
Chip Enable or Output Enable signals, and can be read until Chip Enable or Output Enable
returns to VIH.
The status register can only be read using single asynchronous or single synchronous
reads.
Bus read operations from any address within the bank always read the status register during
program and erase operations if no Read Array command has been issued.
The various bits convey information about the status and any errors of the operation. Bits
SR7, SR6, SR2 and SR0 give information on the status of the device and are set and reset
by the device. Bits SR9, SR8, SR5, SR4, SR3 and SR1 give information on errors. They are
set by the device but must be reset by issuing a Clear Status Register command or a
hardware reset. If an error bit is set to ‘1’ the status register should be reset before issuing
another command.
The bits in the status register are summarized in Table 13: Status register bits. Refer to
Table 13 in conjunction with the following text descriptions.
6.1
Control program mode status bit (SR9)
The control program mode status bit, SR9, indicates whether an error occurred while writing
to a program region that is configured in control program mode.
The SR9 bit should be read once the Program/Erase Controller status bit SR7 is set to ‘1’
(Program/Erase Controller inactive).
SR9 is set to 1 when the user attempts to program object data in a control mode region.
When:
●
SR9 = 0, the program operation completed successfully.
●
SR9 = 1, the program operation failed.
Once set to ‘1’, SR9 can only be cleared by issuing a Clear Status Register command or
through a hardware reset.
SR9 should be cleared before a new program command is issued, otherwise the new
command appears to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com