công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI11010C bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện PCI11010C
Giải thích chi tiết về linh kiện  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C bảng dữ liệu(HTML) 5 Page - Microchip Technology

  PCI11010C Datasheet HTML 1Page - Microchip Technology PCI11010C Datasheet HTML 2Page - Microchip Technology PCI11010C Datasheet HTML 3Page - Microchip Technology PCI11010C Datasheet HTML 4Page - Microchip Technology PCI11010C Datasheet HTML 5Page - Microchip Technology PCI11010C Datasheet HTML 6Page - Microchip Technology PCI11010C Datasheet HTML 7Page - Microchip Technology PCI11010C Datasheet HTML 8Page - Microchip Technology PCI11010C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 5
PCI11010C
Root Complex
A Root Complex is a PCI defined System Element that includes at least one Host PCI Bridge,
Root Port, or Root Complex Integrated Endpoint. The Host PCI Bridge connects a host CPU or
CPUs to a PCI Hierarchy connected to the Root Port or Root Complex Integrated Endpoint.
See [PCIe5].
SGMII+
SGMII+ is an abbreviation used in this document to refer to Serial Gigabit Media-Independent
Interface as defined in [SGMII] which has been additionally over-clocked to run at bit rates up
to 2.5 Gbit/s rather than the specification defined 1 Gbit/s.
Side-Band
In this document, Side-Band is used to refer to Registers or control paths accessed via any of
the Side-Band options (SMBus/SPI).
SMBus
SMBus is an abbreviation for System Management Bus, a two-wire bus derived from I²C.
Defined in [SMBus3].
SMBus Controller
An SMBus Controller refers to any device that initiates SMBus transactions and drives the clock
as defined in [SMBus3].
SMBus Target
An SMBus Target is the Target of an SMBus transaction which is driven by a SMBus Controller
as defined in [SMBus3].
SPI
SPI is an abbreviation for Serial Peripheral Interface bus: a full-duplex bus utilizing a single-
Controller/multi-Peripheral architecture. SPI is a 4-wire bus consisting of: SPI CLK, SPI COPI,
SPI CIPO, SPI CS.
SPI CLK
SPI CLK refers to the SPI clock line.
SPI CIPO
SPI CIPO is an abbreviation for Controller In Peripheral Out for SPI connections.
SPI Controller
A SPI Controller is any device that initiates SPI transactions and drives the clock.
SPI COPI
SPI COPI is an abbreviation for Controller Out Peripheral In for SPI connections.
SPI Peripheral
Target of an SPI transaction which is driven by an SPI Controller.
SPI CS
SPI CS is an abbreviation for SPI Peripheral Chip Select used to select each individual SPI
Peripheral on the bus.
SRIS
Separate Reference Clock with Independent SSC.
SRNS
Separate Reference Clock With No SSC.
SSC
Spread Spectrum Clocking
System Configuration Request A System Configuration Request is a request initiated by setting bits in the
GENERAL_SYS_CONFIG_REQ_REG Register indicating that part of the device needs to be
configured from OTP/EEPROM and/or via SPI/SMBus.
Note: This is not the same as a PCI Configuration Request.
UART
UART is an abbreviation for Universal Asynchronous Receiver Transmitter.
UFP
UFP is an abbreviation for Upward Facing Port: a Port typically taking the Device role.
UUID
UUID is an abbreviation for Universally Unique Identifier.
TABLE 1-1:
GENERAL TERMS (CONTINUED)
Term
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com