công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI11010C bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện PCI11010C
Giải thích chi tiết về linh kiện  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 35Page - Microchip Technology PCI11010C Datasheet HTML 36Page - Microchip Technology PCI11010C Datasheet HTML 37Page - Microchip Technology PCI11010C Datasheet HTML 38Page - Microchip Technology PCI11010C Datasheet HTML 39Page - Microchip Technology PCI11010C Datasheet HTML 40Page - Microchip Technology PCI11010C Datasheet HTML 41Page - Microchip Technology PCI11010C Datasheet HTML 42Page - Microchip Technology PCI11010C Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 39
PCI11010C
5.0
PACKAGE INFORMATION
5.1
Package Marking Information
100-VQFN (12x12 mm)
PIN 1
PCI11010Ci
VRnnn e3
YYWWNNN
e3
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend: i
Temperature range designator
(Blank = Commercial, i = Industrial/Automotive Grade 3,
v = Automotive Grade 2)
V
Automotive designator
(Blank = Commercial/Industrial, V = Automotive)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46