công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI11010C bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện PCI11010C
Giải thích chi tiết về linh kiện  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 26Page - Microchip Technology PCI11010C Datasheet HTML 27Page - Microchip Technology PCI11010C Datasheet HTML 28Page - Microchip Technology PCI11010C Datasheet HTML 29Page - Microchip Technology PCI11010C Datasheet HTML 30Page - Microchip Technology PCI11010C Datasheet HTML 31Page - Microchip Technology PCI11010C Datasheet HTML 32Page - Microchip Technology PCI11010C Datasheet HTML 33Page - Microchip Technology PCI11010C Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 30
PCI11010C
SMBUS_CTL-
R_ALERT_N
SMBus Controller Alert
This pin enables a Debouncer (DB).
SMBus Target Functions
SMBUS_TGT_SCL
SMBus Target Clock
SMBUS_TGT_SDA
SMBus Target Data
This pin enables an internal pull-down (PD).
SMBUS_T-
GT_ALERT_N
SMBus Target Alert
UART0 Functions
UART0_TXD
UART0 Transmit Data
UART0_RXD
UART0 Receive Data
UART0_RTS_N
UART0 Ready To Send
UART0_CTS_N
UART0 Clear To Send
UART0_DTR_N
UART0 Data Terminal Ready
UART0_DSR_N
UART0 Data Set Ready
UART0_DCD_N
UART0 Data Carrier Detect
UART0_RI_N
UART0 Ring Indicator
UART0_WAKE_N
UART0 Wake
Out-of-band signaling used to wake up the platform. This signal is open drain, active low,
and enables a Debouncer (DB). A pull-up is required on the host side (100 kΩ recom-
mended).
UART1 Functions
UART1_TXD
UART1 Transmit Data
UART1_RXD
UART1 Receive Data
UART1_RTS_N
UART1 Ready To Send
UART1_CTS_N
UART1 Clear To Send
UART1_DTR_N
UART1 Data Terminal Ready
UART1_DSR_N
UART1 Data Set Ready
UART1_DCD_N
UART1 Data Carrier Detect
UART1_RI_N
UART1 Ring Indicator
TABLE 3-4:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Programmable
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46