| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMXRT1160AXEC bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMXRT1160AXEC bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 130 page ![]() i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 4, 06/2025 6 NXP Semiconductors i.MX RT1160 introduction — DEK includes IV — Side channel attack countermeasures — 64 KB secure RAM • Inline Encryption Engine (IEE): — External memory encryption/decryption — I/O direct encrypted storage and retrieval (Stream Support) — FlexSPI decryption only • On-the-Fly AES Decryption (OTFAD): — AES-128 Counter Mode On-the-Fly Decryption — Hardware support for unwrapping “key blobs” — Functionally acts as a slave sub-module to the FlexSPI • Secure Non-Volatile Storage (SNVS): — Secure real-time clock (SRTC) — Zero Master Key (ZMK) • Secure always-on RAM (4 KB) • Secure key management and protection — Physical Unclonable Function (PUF) — UnDocumented Function (UDF) — Built-in Manufacturing Protection Hardware • Secure and trusted access control NOTE The actual feature set depends on the part numbers as described in Table 1. Functions such as display interfaces, camera interfaces, and connectivity interfaces are not offered on all derivatives. 1.2 Ordering information Table 1 provide examples of orderable part numbers covered by this Data Sheet. Table 1. Order information MIMXRT1166XVM5A MIMXRT1165XVM5A Qualification tier Extended Industrial M7 core 500 MHz M4 core 240 MHz SRAM 1 MB without ECC or 896 KB with ECC Parallel LCD and CSI Yes — |