công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDS39RF12ACK bảng dữ liệu(PDF) 79 Page - Texas Instruments

tên linh kiện DDS39RF12ACK
Giải thích chi tiết về linh kiện  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK bảng dữ liệu(HTML) 79 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 75Page - Texas Instruments DDS39RF12ACK Datasheet HTML 76Page - Texas Instruments DDS39RF12ACK Datasheet HTML 77Page - Texas Instruments DDS39RF12ACK Datasheet HTML 78Page - Texas Instruments DDS39RF12ACK Datasheet HTML 79Page - Texas Instruments DDS39RF12ACK Datasheet HTML 80Page - Texas Instruments DDS39RF12ACK Datasheet HTML 81Page - Texas Instruments DDS39RF12ACK Datasheet HTML 82Page - Texas Instruments DDS39RF12ACK Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 177 page
background image
7.5 Programming
The device contains two programming interfaces: a SPI interface and a Fast Reconfiguration (FR) interface for
fast programming of NCO frequency and phase.
7.5.1 Using the Standard SPI Interface
The standard SPI interface is accessed using the following four pins: serial clock (SCLK), serial data in (SDI),
serial data out (SDO), and serial interface chip-select ( SCS). Register access is enabled through the SCS pin.
7.5.1.1 SCS
This signal must be asserted low to access a register through the serial interface. Setup and hold times with
respect to the SCLK must be observed.
7.5.1.2 SCLK
Serial data input is accepted at the rising edge of this signal. SCLK has no minimum frequency requirement.
7.5.1.3 SDI
Each register access requires a specific 24-bit pattern at this input. This pattern consists of a read-and-write
(R/W) bit, register address, and register value. The data are shifted in MSB first and multi-byte registers are
always in little-endian format (least significant byte stored at the lowest address). Setup and hold times with
respect to the SCLK must be observed (see the Switching Characteristics table).
7.5.1.4 SDO
The SDO signal provides the output data requested by a read command. This output is high impedance during
write bus cycles and during the read bit and register address portion of read bus cycles.
7.5.1.5 Serial Interface Protocol
As shown in Figure 7-58, each register access consists of 24 bits. The first bit is high for a read and low for a
write.
The next 15 bits are the address of the register that is to be written to. During write operations, the last eight bits
are the data written to the addressed register. During read operations, the last eight bits on SDI are ignored and,
during this time, the SDO outputs the data from the addressed register. Figure 7-58 shows the serial protocol
details.
SCLK
1
24
Single Register Access
SCS
SDI
Command Field
Data Field
SDO
(read mode)
Data Field
High Z
High Z
17
16
8
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
Figure 7-58. Serial Interface Protocol: Single Read and Write
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com