công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDS39RF12ACK bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện DDS39RF12ACK
Giải thích chi tiết về linh kiện  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 44Page - Texas Instruments DDS39RF12ACK Datasheet HTML 45Page - Texas Instruments DDS39RF12ACK Datasheet HTML 46Page - Texas Instruments DDS39RF12ACK Datasheet HTML 47Page - Texas Instruments DDS39RF12ACK Datasheet HTML 48Page - Texas Instruments DDS39RF12ACK Datasheet HTML 49Page - Texas Instruments DDS39RF12ACK Datasheet HTML 50Page - Texas Instruments DDS39RF12ACK Datasheet HTML 51Page - Texas Instruments DDS39RF12ACK Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 177 page
background image
CLK+
CLK–
DAC Output
(Sine Wave)
0
+VFS
-VFS
TS = 1/(2*FCLK)
tpd
tpd_f
Figure 7-9. DES Mode Timing Diagram
FOUT/FCLK
0
0.5
1
1.5
2
-50
-40
-30
-20
-10
0
Figure 7-10. DES Output Frequency Response
7.3.2 DAC Core
The device has two 16-bit DAC cores.
7.3.2.1 DAC Output Structure
The DAC core analog output structure is shown in Figure 7-11 for one DAC channel. There is a differential
termination resistance between the two current output pins, DACOUTx±. The current steering switch array
connects to the output pins and steers current between the output pins based on the digital code. A constant DC
current bias, IBIAS, draws current from both outputs regardless of the digital code. The IBIAS current is:
3mA x 2 CUR_2X_EN (COARSE_CUR_x + 5)/20
(1)
With a 3.6kΩ resistor from RBIAS+ to RBIAS-.
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com