công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 5Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 10Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 11Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 12Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.6 Electrical Characteristics
At 1.04V ≤ VDD ≤ 6V, MR = Open, WDO pull-up resistor (Rpull-up) = 100kΩ to VDD, output load (CLOAD) = 10pF and over
operating free-air temperature range –40
℃ to 125℃, unless otherwise noted. VDD ramp rate ≤ 1V/µs. Typical values are at
TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMMON PARAMETERS
VDD
Input supply voltage
Active LOW output
1.04
6
V
IDD
Supply current into VDD pin (1)
TA = –40℃ to 85℃
0.25
0.8
µA
0.25
3
VIL
Low level input voltage WD–EN, WDI,
SETx, MR (1)
0.3VDD
V
VIH
High level input voltage WD–EN, WDI,
SETx, MR (1)
0.7VDD
V
R MR
Manual reset internal pull-up resistance
100
kΩ
WDO (Open-drain active-low)
VOL
Low level output voltage
VDD =1.5V
IOUT(Sink) = 500µA
300
mV
VDD = 3.3V
IOUT(Sink) = 2mA
300
Ilkg(OD)
Open-Drain output leakage current
VDD = VPULLUP = 6V
TA = –40℃ to 85℃
10
30
nA
VDD = VPULLUP = 6V
10
60
nA
WDO (Push-pull active-low)
VPOR
Power on WDO voltage (2)
VOH(min) = 0.8 VDD
Iout (source) = 15µA
900
mV
VOL
Low level output voltage
VDD = 1.5V
IOUT(Sink) = 500µA
300
mV
VDD = 3.3V
IOUT(Sink) = 2mA
300
VOH
High level output voltage
VDD = 1.8V
IOUT(Source) = 500µA
0.8VDD
V
VDD = 3.3V
IOUT(Source) = 500µA
0.8VDD
VDD = 6V
IOUT(Source) = 2mA
0.8VDD
(1)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR.
(2)
VPOR is the minimum VDD voltage level for a controlled output state
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com