công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TPS3435CGLEFDDFR Datasheet HTML 1Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 2Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 3Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 4Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 5Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
• Factory programmed or user-programmable
watchdog timeout
– ±10% Accurate timer (maximum)
– Factory programmed: 1ms to 100s
• Factory programmed or user-programmable reset
delay
– ±10% Accurate timer (maximum)
– Factory programmed option: 2ms to 10s
• Input voltage range: VDD = 1.04V to 6.0V
• Ultra low supply current: IDD = 250nA (typical)
• Open-drain, push-pull; active-low outputs
• Various programmability options:
– Watchdog enable-disable
– Watchdog startup delay: no delay to 10s
– On the fly timer extension: 1X to 256X
– Latched output option
• MR functionality support
2 Applications
• On-board (OBC) and wireless charger
• Driver monitoring
• Battery Management System (BMS)
• Front camera
• Surround view system ECU
3 Description
The TPS3435-Q1 is an ultra-low power consumption
(250nA typical) device offering a programmable
timeout watchdog timer.
The TPS3435-Q1 offers a high accuracy timeout
watchdog timer with a host of features for a wide
variety of applications. The timeout watchdog timer
can be factory programmed or user programmed
using an external capacitor. The timer value can be
changed on-the-fly using a combination of logic pins.
The watchdog also offers unique features such as
enable-disable, start-up delay.
The WDO delay can be set by factory-programmed
default delay settings or programmed by an external
capacitor. The device also offers a latched output
operation where the output is latched until the
watchdog fault is cleared.
The TPS3435-Q1 provides a performance upgrade
alternative to TPS3431-Q1 device family. The
TPS3435-Q1 is available in a small 8-pin SOT-23
package.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
(2)
TPS3435-Q1
DDF (8)
2.90mm × 1.60mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TPS3435-Q1
µC
GPIO
WDI
WD-EN
GPIO
SET[0:1]
GPIO
GND
GND
VDD
VDD
CWD
CRST
GND
TPS3435-Q1 offers various pinout options to support different features.
Choose the suitable pinout based on application needs.
Supply
MR
WDO
RESET / NMI
Typical Application Circuit
Ambient Te mperature (
C)
-40
-7
26
59
92
125
-10
-5
0
5
10
Device lot 1
Device lot 2
Device lot 3
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TPS3435CGLEFDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS3435CGLEFDDFR TI-TPS3435CGLEFDDFR Datasheet
1Mb / 39P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
AUGUST 2024
TPS3435CGLEFDDFR TI-TPS3435CGLEFDDFR Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
AUGUST 2024
TPS3435CGLEFDDFR TI2-TPS3435CGLEFDDFR Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED AUGUST 2024
TPS3435CGLEFDDFR TI2-TPS3435CGLEFDDFR Datasheet
1Mb / 39P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
REVISED AUGUST 2024
TPS3435CGLEFDDFR TI2-TPS3435CGLEFDDFR Datasheet
1Mb / 37P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED MARCH 2025
More results

Mô tả tương tự - TPS3435CGLEFDDFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS3435-Q1 TI-TPS3435-Q1 Datasheet
1Mb / 29P
TPS3435-Q1 Automotive Nano IQ Precision Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS3435 TI-TPS3435_V01 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1_V01 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS3436-Q1 TI1-TPS3436-Q1_V01 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
TPS35-Q1 TI1-TPS35-Q1_V02 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS3435-Q1 TI1-TPS3435-Q1_V01 Datasheet
1Mb / 36P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS3436-Q1 TI1-TPS3436-Q1_V02 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com