công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 24Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 25Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 26Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 27Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 28Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 29Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
8.2.1.2.4 Calculating the WDO Pullup Resistor
The TPS3435-Q1 uses an open-drain configuration for the WDO output, as shown in Figure 8-2. When the
FET is off, the resistor pulls the drain of the transistor to VDD and when the FET is turned on, the FET pulls
the output to ground, thus creating an effective resistor divider. The resistors in this divider must be chosen
to make sure that VOL is below the maximum value. To choose the proper pullup resistor, there are three key
specifications to keep in mind: the pullup voltage (VPU), the recommended maximum WDO pin current (ISink),
and VOL. The maximum VOL is 0.3V, meaning that the effective resistor divider created must be able to bring the
voltage on the reset pin below 0.3V with ISink kept below 2mA for VDD ≥ 3V and 500μA for VDD = 1.5V. For this
example, with a VPU =VDD = 1.5V, a resistor must be chosen to keep ISink below 500μA because this value is the
maximum consumption current allowed. To make sure this specification is met, a pullup resistor value of 10kΩ
was selected, which sinks a maximum of 150μA when WDO is asserted.
WDO
VDD
WDO
CONTROL
Figure 8-2. Open-Drain WDO Configuration
8.3 Power Supply Recommendations
This device is designed to operate from an input supply with a voltage range between 1.04V and 6V. An input
supply capacitor is not required for this device; however, if the input supply is noisy, then good analog practice is
to place a 0.1µF capacitor between the VDD pin and the GND pin.
8.4 Layout
8.4.1 Layout Guidelines
Make sure that the connection to the VDD pin is low impedance. Good analog design practice recommends
placing a 0.1µF ceramic capacitor as near as possible to the VDD pin. If a capacitor is not connected to the
CRST pin, then minimize parasitic capacitance on this pin so the WDO delay time is not adversely affected.
• Make sure that the connection to the VDD pin is low impedance. Good analog design practice is to place a
0.1µF ceramic capacitor as near as possible to the VDD pin.
• Place CCRST capacitor as close as possible to the CRST pin.
• Place CCWD capacitor as close as possible to the CWD pin.
• Place the pullup resistor on the WDO pin as close to the pin as possible.
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com