| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP112 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP112 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 46 page ![]() Frame 1 Two-Wire Target Address Byte Frame 2 Pointer Register Byte Frame 4 Data Byte 2 1 Start By Controller ACK By Device ACK By Device ACK By Device Stop By Controller 1 9 1 1 D7 D6 D5 D4 D3 D2 D1 D0 9 Frame 3 Data Byte 1 ACK By Device 1 D7 SDA (Continued) SCL (Continued) D6 D5 D4 D3 D2 D1 D0 9 9 SDA SCL 0 0 1 0 A1 (1) A0 (1) R/W 0 0 0 0 0 0 P1 P0 ¼ ¼ A. The values of A0 and A1 are determined by the ADD0 pin. Figure 7-4. Two-Wire Timing Diagram for Write Word Format Frame 1 Two-Wire Target Address Byte Frame 2 Pointer Register Byte 1 Start By Controller ACK By Device ACK By Device Frame 3 Two-Wire Target Address Byte Frame 4 Data Byte 1 Read Register Start By Controller ACK By Device ACK by Controller (2) From Device 1 9 1 9 1 9 1 9 SDA SCL 0 0 1 R/W 0 0 0 0 0 0 P1 P0 ¼ ¼ ¼ SDA (Continued) SCL (Continued) SDA (Continued) SCL (Continued) 1 0 0 1 0 A1 (1) A0 (1) 0 A1 (1) A0 (1) R/W D7 D6 D5 D4 D3 D2 D1 D0 Frame 5 Data Byte 2 Read Register Stop by Controller ACK by Controller (3) From Device 1 9 D7 D6 D5 D4 D3 D2 D1 D0 Stop By Controller A. The values of A0 and A1 are determined by the ADD0 pin. B. The controller must leave the SDA pin high to terminate a single-byte read operation. C. The controller must leave the SDA pin high to terminate a two-byte read operation. Figure 7-5. Two-Wire Timing Diagram for Read Word Format www.ti.com TMP112-Q1, TMP112D-Q1 SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: TMP112-Q1 TMP112D-Q1 |