công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAN337/G bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện TCAN337/G
Giải thích chi tiết về linh kiện  TCAN33x 3.3V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCAN337/G bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TCAN337/G Datasheet HTML 15Page - Texas Instruments TCAN337/G Datasheet HTML 16Page - Texas Instruments TCAN337/G Datasheet HTML 17Page - Texas Instruments TCAN337/G Datasheet HTML 18Page - Texas Instruments TCAN337/G Datasheet HTML 19Page - Texas Instruments TCAN337/G Datasheet HTML 20Page - Texas Instruments TCAN337/G Datasheet HTML 21Page - Texas Instruments TCAN337/G Datasheet HTML 22Page - Texas Instruments TCAN337/G Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
recessive signal is seen on TXD pin, thus clearing the TXD DTO condition. The receiver and RXD pin still reflect
the CAN bus, and the bus pins are biased to recessive level during a TXD dominant timeout.
6.3.2 RXD Dominant Timeout (RXD DTO)
All devices have a RXD DTO circuit that prevents a bus stuck dominant fault from permanently driving the RXD
output dominant (low) when the bus is held dominant longer than the timeout period tRXD_DTO. The RXD DTO
timer starts on a falling edge on RXD (bus going dominant). If no rising edge (bus returning recessive) is seen
before the timeout constant of the circuit expires (tRXD_DTO), the RXD pin returns high (recessive). The RXD
output is re-activated to mirror the bus receiver output when a recessive signal is seen on the bus, clearing the
RXD dominant timeout. The CAN bus pins are biased to the recessive level during a RXD DTO.
6.3.3 Thermal Shutdown
If the junction temperature of the device exceeds the thermal shutdown threshold, the device turns off the CAN
driver circuits thus blocking the TXD-to-bus transmission path. The shutdown condition is cleared when the
junction temperature of the device drops below the thermal shutdown temperature of the device. If the fault
condition that caused the thermal shutdown is still present, the temperature may rise again and the device
will enter thermal shut down again. Prolonged operation with thermal shutdown conditions may affect device
reliability. The thermal shutdown circuit includes hysteresis to avoid oscillation of the driver output.
During thermal shutdown the CAN bus drivers are turned off, thus no transmission is possible from TXD to the
bus. The CAN bus pins are biased to recessive level during a thermal shutdown and the receiver to RXD path
remains operational.
6.3.4 Undervoltage Lockout and Unpowered Device
The VCC supply terminal has under voltage detection which will place the device in protected mode if the supply
drops below the UVLO threshold. This protects the bus during an under voltage event on VCC by placing the
bus into a high impedance biased to ground state and the RXD terminal into a tri-stated (high impedance) state.
During undervoltage the device does not pass any signals from the bus. If the device is in normal mode and VCC
supply is lost the device will transition to a protected mode.
The device is designed to be an "ideal passive" or “no load” to the CAN bus if the device is unpowered. The
bus terminals (CANH, CANL) have low leakage currents when the device is unpowered, so the device does not
load the bus. This is critical if some nodes of the network are unpowered while the rest of the of network remains
operational. Logic pins also have low leakage currents when the device is unpowered, so the device does not
load other circuits which may remain powered.
Table 6-1. Undervoltage Protection 3.3-V Single Supply Devices
VCC
DEVICE STATE
BUS
RXD
GOOD
Operational
Per Operating Mode
Per Operating Mode
BAD
Protected
Common mode bias to GND
High Impedance
UNPOWERED
Unpowered
High Impedance (no load)
High Impedance
www.ti.com
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7F – DECEMBER 2015 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com