| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA109X bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA109X bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 127 page ![]() DS13319 Rev 2 25/127 STA108x, STA109x Signal description 126 3.1.5 PWM and input capture UART0_RX - K3 I VDD_IO UART0. Received serial data. UART0_TX - K4 O VDD_IO UART0. Transmitted serial data. UART1_CTS GPIO40 B1 I VDD_IO UART1. Clear to send. UART1_RTS GPIO41 A2 O VDD_IO UART1. Request to send. UART1_RX GPIO25 GPIO35 GPIO37 R4 B3 T16 I VDD_IO UART1. Received serial data. UART1_TX GPIO24 GPIO34 GPIO36 R3 B4 T17 O VDD_IO UART1. Transmitted serial data. UART2_RX GPIO9 GPIO38 A8 T18 I VDD_IO UART2. Received serial data. UART2_TX GPIO12 GPIO39 B9 R19 O VDD_IO UART2. Transmitted serial data. UART3_RX GPIO33 GPIO40 M2 B1 I VDD_IO UART3. Received serial data. UART3_TX GPIO32 GPIO41 M3 A2 O VDD_IO UART3. Transmitted serial data. 1. Only available in STA10x5. Table 6. Peripherals signals (continued) Name GPIOs Balls DIR Power domain Description Table 7. EFT signals Name GPIOs Balls DIR Power Domain Description EFT0_EXTCK GPIO22 GPIO30 R1 M1 I VDD_IO EFT0. External Input Clock. EFT0_ICAP0 GPIO22 GPIO42 R A3 I VDD_IO EFT0. Input Capture 0. EFT0_ICAP1 GPIO23 GPIO43 R2 A4 I VDD_IO EFT0. Input Capture 1. EFT0_OCMP0 GPIO24 GPIO42 R3 A3 O VDD_IO EFT0. Output compare 0. EFT0_OCMP1 GPIO25 GPIO43 R4 A4 O VDD_IO EFT0. Output compare 1. EFT1_EXTCK GPIO26 GPIO31 N16 M4 I VDD_IO EFT1 External Input Clock EFT1_ICAP0 GPIO26 GPIO34 N16 B4 I VDD_IO EFT1. Input Capture 0. |