| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA109X bảng dữ liệu(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA109X bảng dữ liệu(HTML) 103 Page - STMicroelectronics |
|
103 / 127 page ![]() DS13319 Rev 2 103/127 STA108x, STA109x Ball list 126 V5 GPIO84 Disabled ALTB Output. High. ALTB Output. High. V6 GPIO82 Disabled ALTB Output. Low. ALTB Output. Low. V7 GPIO86 Disabled ALTB Output. High. ALTB Output. High. V8 GPIO50 Disabled ALTB Output. Low. ALTB Output. Low. V9 GPIO64 Disabled ALTB Output. Low. ALTB Output. Low. V10 GPIO62 Disabled ALTB Output. Low. ALTB Output. Low. V11 GPIO60 Disabled ALTB Output. Low. ALTB Output. Low. V12 GPIO58 Disabled ALTB Output. Low. ALTB Output. Low. V13 GPIO56 PU ALTB Input ALTB Input V14 GPIO53 PU ALTB Input ALTB Input V15 GPIO87 PU ALTB Input ALTB Input V16 GPIO85 PU ALTB Input ALTB Input V17 GPIO71 PU ALTB Input ALTB Input V18 GPIO65 Disabled ALTB Output. Low. ALTB Output. Low. V19 GPIO66 Disabled ALTB Output. Low. ALTB Output. Low. W1 GND - NA NA W2 GPIO79 PU ALTB Input ALTB Input W3 GPIO75 Disabled ALTB Output. High. ALTB Output. High. W4 GPIO73 Disabled ALTB Output. High. ALTB Output. High. W5 GPIO81 Disabled ALTB Output. Low. ALTB Output. Low. W6 GPIO83 Disabled ALTB Output. Low. ALTB Output. Low. W7 GPIO51 Disabled ALTB Output. Low. ALTB Output. Low. W8 GPIO54 Disabled ALTB Output. Low. ALTB Output. Low. W9 GPIO63 Disabled ALTB Output. Low. ALTB Output. Low. W10 GPIO61 Disabled ALTB Output. Low. ALTB Output. Low. W11 GPIO59 Disabled ALTB Output. Low. ALTB Output. Low. W12 GPIO57 PU ALTB Input ALTB Input W13 GPIO55 PU ALTB Input ALTB Input W14 GPIO52 PU ALTB Input ALTB Input W15 GPIO89 PU ALTB Input ALTB Input W16 GPIO88 Disabled ALTB Output. Low. ALTB Output. Low. W17 GPIO72 PU ALTB Input ALTB Input W18 GPIO67 Disabled ALTB Output. Low. ALTB Output. Low. W19 GND - NA NA Table 55. STA108x Ball list (continued) Ball Ball name Pull up/down RESET DIR (REMAP[1:0]=00,01,10) RESET DIR (REMAP[1:0]=11) |