| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA108X bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA108X bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 127 page ![]() DS13319 Rev 2 37/127 STA108x, STA109x Signal description 126 3.1.11 Display - Only available in STA109x Table 13. Display signals Name GPIOs Balls DIR Power Domain Description CLCD_COLOR0 GPIO136 U17 O VDD_IO LCD. Display data line 0. CLCD_COLOR1 GPIO135 U16 O VDD_IO LCD. Display data line 1. CLCD_COLOR10 GPIO126 U14 O VDD_IO LCD. Display data line 10. CLCD_COLOR11 GPIO125 P13 O VDD_IO LCD. Display data line 11. CLCD_COLOR12 GPIO124 R13 O VDD_IO LCD. Display data line 12. CLCD_COLOR13 GPIO123 T13 O VDD_IO LCD. Display data line 13. CLCD_COLOR14 GPIO122 U13 O VDD_IO LCD. Display data line 14. CLCD_COLOR15 GPIO121 P12 O VDD_IO LCD. Display data line 15. CLCD_COLOR16 GPIO29 GPIO107 P19 T11 O VDD_IO LCD. Display data line 16. CLCD_COLOR17 GPIO27 GPIO108 N17 R11 O VDD_IO LCD. Display data line 17. CLCD_COLOR2 GPIO134 P15 O VDD_IO LCD. Display data line 2. CLCD_COLOR3 GPIO133 T15 O VDD_IO LCD. Display data line 3. CLCD_COLOR4 GPIO132 R15 O VDD_IO LCD. Display data line 4. CLCD_COLOR5 GPIO131 U15 O VDD_IO LCD. Display data line 5. CLCD_COLOR6 GPIO130 N14 O VDD_IO LCD. Display data line 6. CLCD_COLOR7 GPIO129 P14 O VDD_IO LCD. Display data line 7. CLCD_COLOR8 GPIO128 R14 O VDD_IO LCD. Display data line 8. CLCD_COLOR9 GPIO127 T14 O VDD_IO LCD. Display data line 9. CLCD_DE GPIO120 R12 O VDD_IO LCD. Display data enable line. CLCD_HSYNCH GPIO119 T12 O VDD_IO LCD. Display horizontal synchronization line. CLCD_PIXCLK GPIO117 P11 O VDD_IO LCD. Display pixel clock line. CLCD_VSYNCH GPIO118 U12 O VDD_IO LCD. Display vertical synchronization line. |