| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA108X bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA108X bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 127 page ![]() Signal description STA108x, STA109x 24/127 DS13319 Rev 2 3.1.4 Peripherals (CAN, I2C, UART,SPI) Table 6. Peripherals signals Name GPIOs Balls DIR Power domain Description CAN0_RX M3_GPIO9 C6 I VDD_IO CAN0. Receive signal line.(1) CAN0_TX M3_GPIO8 B7 O VDD_IO CAN0. Transmit signal line.(1) CAN1_RX S_GPIO0 D6 I VDD_IO CAN1. Receive signal line.(1) CAN1_TX S_GPIO1 D7 O VDD_IO CAN1. Transmit signal line.(1) I2C0_SCL - C7 I/O VDD_IO I2C0. Clock line. It needs an external pull-up. I2C0_SDA - D8 I/O VDD_IO I2C0. Data line. It needs an external Pull-up. I2C1_SCL GPIO30 GPIO35 GPIO43 M1 B3 A4 I/O VDD_IO I2C1. Clock line . It needs an external Pull-up. I2C1_SDA GPIO31 GPIO34 GPIO42 M4 B4 A3 I/O VDD_IO I2C1. Data line. It needs an external pull-up. I2C2_SCL GPIO14 GPIO46 A7 D5 I/O VDD_IO I2C2. Clock line. It needs an external pull-up. I2C2_SDA GPIO15 GPIO45 A6 C4 I/O VDD_IO I2C2. Data line. It needs an external pull-up. SPI0_RXD - N3 I VDD_IO SPI0. Receive data line. SPI0_SCK - N1 I/O VDD_IO SPI0. Clock signal line. SPI0_SS - N2 I/O VDD_IO SPI0. Frame signal line. SPI0_TXD - N4 O VDD_IO SPI0. Transmit data line SPI1_RXD GPIO32 M3 I VDD_IO SPI1. Receive data line. SPI1_SCK GPIO33 M2 I/O VDD_IO SPI1. Clock signal line. SPI1_SS GPIO30 M1 I/O VDD_IO SPI1. Frame signal. SPI1_TXD GPIO31 M4 O VDD_IO SPI1. Transmit data line. SPI2_RXD GPIO20 GPIO24 B11 R3 I VDD_IO SPI2. Receive data line SPI2_SCK GPIO21 GPIO25 A10 R4 I/O VDD_IO SPI2. Clock signal line. SPI2_SS GPIO22 GPIO99 R1 H2 I/O VDD_IO SPI2. Frame signal line. SPI2_TXD GPIO19 GPIO23 C10 R2 O VDD_IO SPI2. Transmit data line. UART0_CTS - L3 I VDD_IO UART0. Clear to send. UART0_RTS - L4 O VDD_IO UART0. Request to send. |