công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5166DRCRG4 bảng dữ liệu(PDF) 49 Page - Texas Instruments

tên linh kiện LM5166DRCRG4
Giải thích chi tiết về linh kiện  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCRG4 bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button LM5166DRCRG4 Datasheet HTML 45Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 46Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 47Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 48Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 49Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 50Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 51Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 52Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jul-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM5166DRCR
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166DRCR.A
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166DRCRG4
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166DRCRG4.A
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166DRCT
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166DRCT.A
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166DRCT.B
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
-
NIPDAU
Level-2-260C-1 YEAR
-40 to 150
5166
LM5166XDRCR
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 150
5166X
LM5166XDRCR.A
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 150
5166X
LM5166XDRCR.B
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
-
Call TI
Level-1-260C-UNLIM
-40 to 150
5166X
LM5166XDRCT
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166X
LM5166XDRCT.A
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166X
LM5166YDRCR
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
LM5166YDRCR.A
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
LM5166YDRCR.B
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
-
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
LM5166YDRCRG4
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
LM5166YDRCRG4.A
Active
Production
VSON (DRC) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
LM5166YDRCT
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
LM5166YDRCT.A
Active
Production
VSON (DRC) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 150
5166Y
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57