công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5166DRCRG4 bảng dữ liệu(PDF) 45 Page - Texas Instruments

tên linh kiện LM5166DRCRG4
Giải thích chi tiết về linh kiện  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCRG4 bảng dữ liệu(HTML) 45 Page - Texas Instruments

Back Button LM5166DRCRG4 Datasheet HTML 41Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 42Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 43Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 44Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 45Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 46Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 47Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 48Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
1
SW
VIN
VOUT
GND
Low-side
NMOS
gate driver
High-side
PMOS
gate driver
10
CIN
COUT
Q1
Q2
LF
GND
2
High
di/dt
loop
VIN
LM5166
45
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 89. DC-DC Buck Converter With Power Stage Circuit Switching Loops
The input capacitor provides the primary path for the high di/dt components of the high-side MOSFET's current.
Placing a ceramic capacitor as close as possible to the VIN and GND pins is the key to EMI reduction. Keep the
trace connecting SW to the inductor as short as possible and just wide enough to carry the load current without
excessive heating. Use short, thick traces or copper pours (shapes) for current conduction path to minimize
parasitic resistance. Place the output capacitor close to the VOUT side of the inductor, and connect the capacitor's
return terminal to the GND pin and exposed PAD of the LM5166.
10.1.2 Feedback Resistors
For the adjustable output voltage version of the LM5166, reduce noise sensitivity of the output voltage feedback
path by placing the resistor divider close to the FB pin, rather than close to the load. This reduces the trace
length of FB signal and noise coupling. The FB pin is the input to the feedback comparator, and as such is a high
impedance node sensitive to noise. The output node is a low impedance node, so the trace from VOUT to the
resistor divider can be long if a short path is not available.
Route the voltage sense trace from the load to the feedback resistor divider, keeping away from the SW node,
the inductor and VIN to avoid contaminating the feedback signal with switch noise, while also minimizing the trace
length. This is most important when high feedback resistances, greater than 100 kΩ, are used to set the output
voltage. Also, route the voltage sense trace on a different layer from the inductor, SW node and VIN, such that
there is a ground plane that separates the feedback trace from the inductor and SW node copper polygon. This
provides further shielding for the voltage feedback path from switching noise sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com