| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83867CS bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83867CS bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 129 page ![]() The following tables describes the DP83867 configuration straps: Table 7-6. 4-Level Strap Pins PIN NAME 48VQFN PIN # DEFAULT STRAP FUNCTION RX_D0 33 [00] MODE PHY_ADD1 PHY_ADD0 1 0 0 2 0 1 3 1 0 4 1 1 RX_D2 35 [00] MODE PHY_ADD3 PHY_ADD2 1 0 0 2 0 1 3 1 0 4 1 1 RX_CTRL (1) 38 [00] MODE Autoneg Disable 1 N/A 2 N/A 3 0 4 1 GPIO_0 (2) 39 [00] MODE RGMII Clock Skew RX[0] 1 0 2 Not Applicable 3 1 4 Not Applicable GPIO_1 40 [00] MODE RGMII Clock Skew RX[2] RGMII Clock Skew RX[1] 1 0 0 2 0 1 3 1 0 4 1 1 LED_2 45 [00] MODE RGMII Clock Skew TX[1] RGMII Clock Skew TX[0] 1 0 0 2 0 1 3 1 0 4 1 1 www.ti.com DP83867CS, DP83867IS, DP83867E SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 39 Product Folder Links: DP83867CS DP83867IS DP83867E |