công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VNH5019ATR-E bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện VNH5019ATR-E
Giải thích chi tiết về linh kiện  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 16Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 17Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 18Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 19Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 20Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
DocID15701 Rev 11
17/38
VNH5019A-E
Electrical specifications
38
The fault conditions are:
overtemperature on one or both high-sides (for example, if a short to ground occurs as
it could be the case described in line 1 and 2 in the Table 14);
Short to battery condition on the output (saturation detection on the low-side
Power MOSFET).
Possible origins of fault conditions may be:
OUTA is shorted to ground. It follows that, high-side A is in overtemperature state.
OUTA is shorted to VCC. It means that, low-side Power MOSFET is in saturation state.
When a fault condition is detected, the user knows which power element is in fault by
monitoring the INA, INB, DIAGA/ENA and DIAGB/ENB pins.
In any case, when a fault is detected, the faulty leg of the bridge is latched off. To turn on the
respective output (OUTX) again, the input signal must rise from low-level to high-level.
Figure 6. Behavior in fault condition (how a fault can be cleared)
Note:
In case the fault condition is not removed, the procedure for unlatching and sending the
device in Stby mode is:
- Clear the fault in the device (toggle: INA if ENA=0 or INB if ENB=0)
- Pull low all inputs, PWM and Diag/EN pins within tDEL.
If the Diag/En pins are already low, PWM=0, the fault can be cleared by simply toggling the
input. The device enters in stby mode as soon as the fault is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com