công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VNH5019ATR-E bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện VNH5019ATR-E
Giải thích chi tiết về linh kiện  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Electrical specifications
VNH5019A-E
12/38
DocID15701 Rev 11
VICL
Input clamp voltage
IIN = 1 mA
5.5
6.3
7.5
V
IIN = -1 mA
-1.0
-0.7
-0.3
VDIAG
Enable low-level
output voltage
Fault operation (DIAGX/ENX pin
acts as an output pin); IEN = 1 mA
0.4
V
Table 8. Switching (VCC = 13 V, RLOAD = 0.87 , Tj = 25 °C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
f
PWM frequency
0
20
kHz
td(on)
HSD rise time
Input rise time < 1μs
(see Figure 9)
250
μs
td(off)
HSD fall time
Input rise time < 1μs
(see Figure 9)
250
μs
tr
LSD rise time
(see Figure 8)1
2
μs
tf
LSD fall time
(see Figure 8)1
2
μs
tDEL
Delay time during change of
operating mode
(see Figure 7)
200
400
1600
μs
trr
High-side free wheeling
diode reverse recovery time
(see Figure 10)
110
ns
IRM
Dynamic cross-conduction
current
IOUT = 15 A
(see Figure 10)
2A
Table 9. Protection and diagnostic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VUSD
VCC undervoltage
shutdown
4.5
5.5
V
VUSDhyst
VCC undervoltage
shutdown hysteresis
0.5
V
VOV
VCC overvoltage shutdown
24
27
30
V
ILIM_H
High-side current limitation
30
50
70
A
ISD_LS
Low-side shutdown current
70
115
160
A
VCLPHS(1)
High-side clamp voltage
(VCC to OUTA = 0 or
OUTB = 0)
IOUT = 15 A
43
48
54
V
VCLPLS(1)
Low-side clamp voltage
(OUTA = VCC or
OUTB = VCC to GND)
IOUT = 15 A
27
30
33
V
TTSD(2)
Thermal shutdown
temperature
VIN = 2.1 V
150
175
200
°C
Table 7. Logic inputs (INA, INB, ENA, ENB,PWM, CS_DIS) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com