| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9908TR bảng dữ liệu(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9908TR bảng dữ liệu(HTML) 133 Page - STMicroelectronics |
|
133 / 152 page ![]() The information about the number of encountered WDT data failures is stored in the dedicated SPI register WDT_FAIL_COUNT_STATUS. Figure 88. WDT operation – Word sequence failure In case of failure (WDT_OVF_fail =1 or WDT_DATA_fail =1) the WDT can be reset by setting to10 the SPI register command WDT_RESET. Table 150. Watchdog RESET bits WDT_RST1 WDT_RST0 Description 0 0 NO reset 0 1 NO reset (Default) 1 0 Reset 1 1 NO reset Note: This command is processed by the logic only if a failure is detected (WDT_OVF_fail = 1 or WDT_DATA_fail = 1). The WDT_RESET does not reset the WDT_EN bit but only the error flag: µC needs to refresh the WDT properly afterwards. L9908 Functional description DS13546 - Rev 5 page 133/152 |