công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9908TR bảng dữ liệu(PDF) 99 Page - STMicroelectronics

tên linh kiện L9908TR
Giải thích chi tiết về linh kiện  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR bảng dữ liệu(HTML) 99 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 95Page - STMicroelectronics L9908TR Datasheet HTML 96Page - STMicroelectronics L9908TR Datasheet HTML 97Page - STMicroelectronics L9908TR Datasheet HTML 98Page - STMicroelectronics L9908TR Datasheet HTML 99Page - STMicroelectronics L9908TR Datasheet HTML 100Page - STMicroelectronics L9908TR Datasheet HTML 101Page - STMicroelectronics L9908TR Datasheet HTML 102Page - STMicroelectronics L9908TR Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
PVF_TH_CFG
Description
VPVF_TH_L = VDH*0.4
Table 93. PVF electrical characteristics
Symbol
Parameter
Min Typ Max Unit Notes
PPVF_th_acc
PVF thresholds accuracy
-6.5
-
6.5
%
-
PPVF_th_match
PVF thresholds matching
-8
-
8
%
-
PPVF_htol_dly
PVF high to low propagation delay
-
-
200
ns
-
PPVF_ltoh_dly
PVF low to high propagation delay
-
-
200
ns
-
PPVF_dly_match
PVF propagation delay matching (phase vs. phase)
-
10
30
ns
-
PPVF_htol_ltoh_dly_match
PVF propagation delay matching (single phase - rise to fall)
-
20
35
ns
-
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Figure 74. Phase voltage feedback behavior
The state of PVF comparators is echoed into dedicated SPI readable registers PVFn_ECHO, in the register
GEN_STATUS3.
To save pin-count the phase comparator outputs are multiplexed to one single output pin CSO3/PVM.
The selection of which phase comparators output can be configured by means of a dedicated SPI bit set as
follows:
L9908
Functional description
DS13546 - Rev 5
page 99/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com