công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9908TR bảng dữ liệu(PDF) 66 Page - STMicroelectronics

tên linh kiện L9908TR
Giải thích chi tiết về linh kiện  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR bảng dữ liệu(HTML) 66 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 62Page - STMicroelectronics L9908TR Datasheet HTML 63Page - STMicroelectronics L9908TR Datasheet HTML 64Page - STMicroelectronics L9908TR Datasheet HTML 65Page - STMicroelectronics L9908TR Datasheet HTML 66Page - STMicroelectronics L9908TR Datasheet HTML 67Page - STMicroelectronics L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics L9908TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 152 page
background image
5.12.1
External FET VGS monitor
The correct functionality of each of the six pre-drivers is monitored by a dedicated comparator that senses the
difference between gate and source terminals of the Ext. FET.
If GHS_n-SHS_n (GLS_n-SLS_n) ≥ VGS_TH + VGS_uv_hys occurs for an interval longer than T_vgs_flt the VGS
comparator output goes to 0 and the HSn_OFF (LSn_OFF) flag is reset. The external FET is considered turned-
on.
If GHS_n-SHS_n (GLS_n-SLS_n) ≤ VGS_TH occurs for an interval longer than T_vgs_flt the VGS comparator
output goes to 1 and the HSn_OFF (LSn_OFF) flag is set. The external FET is considered turned-off.
Table 60. VGS monitor electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VGS_mon_th
VGS monitor threshold
2
2.5
3
V
-
VGS_uv_hys
VGS monitor hysteresis
60
-
200
mV
-
T_vgs_uv_flt
VGS monitor detection filter time
200
230
300
ns
Analog filter
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Figure 39. VGS monitor operative ranges
5.12.2
Dead Time Protection (DTP)
The prevention of cross-conduction due to HSn/LSn ON-phase overlap is in principle under the responsibility of
the uC driving the PWM pins INHn/INLn. However, a built-in dead time protection is available.
When the main logic processes a falling edge event on INHn/INLn it starts a programmable masking time interval
T_dead_flt during which the rising edges on the opposite signal (INLn/INHn respectively) are ignored.
In general a rising edge on INHn/INLn is processed only during the condition INHn=INLn= 0 and if such a
condition hold for at least a T_dead_flt.
L9908
Functional description
DS13546 - Rev 5
page 66/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com