công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9908TR bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện L9908TR
Giải thích chi tiết về linh kiện  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 64Page - STMicroelectronics L9908TR Datasheet HTML 65Page - STMicroelectronics L9908TR Datasheet HTML 66Page - STMicroelectronics L9908TR Datasheet HTML 67Page - STMicroelectronics L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics L9908TR Datasheet HTML 70Page - STMicroelectronics L9908TR Datasheet HTML 71Page - STMicroelectronics L9908TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
In addition to STP, an interlocking protection function on INHn and INLn is implemented: when the main logic
processes a rising edge event on INHn/INLn a masking on the opposite signal (INLn/INHn respectively) is applied
for the entire duration of the INHn/INLn on pulse. During this interval any rising edge on the opposite signal is
ignored. In case INHn/INLn rising edge is synchronous then INLn has the priority.
The interlocking protection is always active and cannot be disabled.
Figure 41. Interlocking protection on PWM inputs: functional operation
Figure 42. Shoot-Through diagnosis on PWM inputs: functional operation
Note:
PWM STD Filter integrates INHn/INLn timing overlap on multiple PWM periods, in this way STD Fault on PWM
inputs can be detected also in case minimum timing overlaps are spread over multiple and not adjacent periods.
The second diagnosis level consists in a dedicated digital counter for each half bridge (HS/LS couple) set/reset by
the logic NOR of the HS/LS VGS comparators and integrates the time interval where the HS and the LS are on
together.
If HSn_OFF=LSn_OFF=’0’ occurs for an interval longer than T_stp_vgs_flt the flag STP_VGS_n is set. The error
flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
L9908
Functional description
DS13546 - Rev 5
page 68/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com