công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9908TR bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện L9908TR
Giải thích chi tiết về linh kiện  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 47Page - STMicroelectronics L9908TR Datasheet HTML 48Page - STMicroelectronics L9908TR Datasheet HTML 49Page - STMicroelectronics L9908TR Datasheet HTML 50Page - STMicroelectronics L9908TR Datasheet HTML 51Page - STMicroelectronics L9908TR Datasheet HTML 52Page - STMicroelectronics L9908TR Datasheet HTML 53Page - STMicroelectronics L9908TR Datasheet HTML 54Page - STMicroelectronics L9908TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 152 page
background image
Table 48. VBP monitor electrical characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max Unit
Notes
VBP_cp1_lin_mode_th
CP1 linear mode enable
threshold
-
10.3
10.6
10.9
V
Comparator output
Low to High
VBP_cp1_lin_mode_hys
CP1 linear mode enable
hysteresis
-
0.95
1.05
1.1
V
-
VBP_cp1_lin_mode_flt
CP1 linear mode enable
detection filter time
-
100
200
300
ns
Digital filter
VBP_uv_th_12v
VBP under-voltage
threshold (12 V systems)
-
4
4.25
4.5
V
Comparator output
Low to High
VBP_uv_th_24v
VBP under-voltage
threshold (24 V systems)
-
7.8
8.4
9
V
Comparator output
Low to High
VBP_uv_th_48v
VBP under-voltage
threshold (48 V systems)
-
17.3 18.65
20
V
Comparator output
Low to High
VBP_uv_hys
VBP under-voltage
hysteresis
-
90
150
250
mV -
VBP_ov_th1_12v
VBP over-voltage threshold
(12 V systems 1)
-
18.11 18.67 19.23
V
Comparator output
Low to High
VBP_ov_th2_12v
VBP over r-voltage
threshold (12 V systems 2)
-
27.16
28
28.84
V
Comparator output
Low to High
VBP_ov_th1_24v
VBP over-voltage threshold
(24 V systems 1)
-
36.22 37.34 38.46
V
Comparator output
Low to High
VBP_ov_th2_24v
VBP over-voltage threshold
(24 V systems 2)
-
50.3 51.86 53.41
V
Comparator output
Low to High
VBP_ov_hys
VBP over-voltage
hysteresis
-
0.8
1.15
1.6
V
-
VBP_tflt_acc
VBP Fault Detection Filter
Time accuracy
CLK_SSM_EN =
0
-15
-
15
%
Digital filter
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Functional description
DS13546 - Rev 5
page 51/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com