| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9908TR bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9908TR bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 152 page ![]() Register name Address Field name Type Bit offset Bit width Reset value Reset 11: PVF3 is output SLR PVF_TH_CFG 0: VPVF_TH_H = VDH*0.75 (Default) VPVF_TH_L = VDH*0.25 1: VPVF_TH_H = VDH*0.6 VPVF_TH_L = VDH*0.4 RW 13 1 0x0 B UNUSED_0 RW 12 1 0x0 B DRV_HIZ 0: Pre-drivers in NO high-Z 1: Pre-drivers in high-Z (Default) RW 11 1 0x1 B SELF_TEST_CFG4 0: OND LS self-test not active 1: OND LS self-test active (Default) SELF_TEST_CFG3 0: OND HS self-test not active 1: OND HS self-test active (Default) SELF_TEST_CFG2 0: Supply monitors self-test not active 1: Supply monitors self-test active (Default) SELF_TEST_CFG1 0: SW off path self-test not active 1: SW off path self-test active (Default) SELF_TEST_CFG0 0: Clock monitor self-test not active 1: Clock monitor self-test active (Default) RW 6 5 0x1F B HB3_ACK RW 5 1 0x1 B HB2_ACK RW 4 1 0x1 B HB1_ACK RW 3 1 0x1 B HB3_DIS 0: 3rd HS/LS drivers are enabled (Default) 1: 3rd HS/LS drivers are disabled RW 2 1 0x0 B HB2_DIS 0: 2nd HS/LS drivers are enabled (Default) 1: 2nd HS/LS drivers are disabled RW 1 1 0x0 B HB1_DIS 0: 1st HS/LS drivers are enabled (Default) 1: 1st HS/LS drivers are disabled RW 0 1 0x0 B Table 110. GEN_STATUS1 Register name Address Field name Type Bit offset Bit width Reset value Reset GEN_STATUS1 0x6 AGND_LOSS CR 15 1 0x0 A NSR DGND_LOSS CR 14 1 0x0 A PGND_LOSS CR 13 1 0x0 A L9908 Functional description DS13546 - Rev 5 page 114/152 |