công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99PM72PXP bảng dữ liệu(PDF) 109 Page - STMicroelectronics

tên linh kiện L99PM72PXP
Giải thích chi tiết về linh kiện  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP bảng dữ liệu(HTML) 109 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 105Page - STMicroelectronics L99PM72PXP Datasheet HTML 106Page - STMicroelectronics L99PM72PXP Datasheet HTML 107Page - STMicroelectronics L99PM72PXP Datasheet HTML 108Page - STMicroelectronics L99PM72PXP Datasheet HTML 109Page - STMicroelectronics L99PM72PXP Datasheet HTML 110Page - STMicroelectronics L99PM72PXP Datasheet HTML 111Page - STMicroelectronics L99PM72PXP Datasheet HTML 112Page - STMicroelectronics L99PM72PXP Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
109/128
6.2.16
Control Register 14
Table 116.
Control register 14: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
1
1
1
0
Data, 8 bit
Data, 8 bit
Table 117.
Control register 14, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
0000
00000
000
Function
Group
Selective Wakeup Settings
Table 118.
Control register 14, bits
Bit
Name
Comment
15
EXT_ID_MSK_15
Masking Bits for Extended CAN Identifier
14
EXT_ID_MSK_14
1
Extended CAN Identifier Bit is ignored for matching
13
EXT_ID_MSK_13
0
Extended CAN Identifier Bit is matched
12
EXT_ID_MSK_12
To run matching on Extended CAN Identifier also CAN_IDE (Control
Register 9 must be set)
11
EXT_ID_MSK_11
10
EXT_ID_MSK_10
9
EXT_ID_MSK_9
8
EXT_ID_MSK_8
7
EXT_ID_MSK_7
6
EXT_ID_MSK_6
5
EXT_ID_MSK_5
4
EXT_ID_MSK_4
3
EXT_ID_MSK_3
2
EXT_ID_MSK_2
1
EXT_ID_MSK_1
0
EXT_ID_MSK_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More