| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9300 bảng dữ liệu(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 bảng dữ liệu(HTML) 151 Page - STMicroelectronics |
|
151 / 178 page ![]() [9] E_SOL_BIST_GPO (start): 0: No Mask (logic BIST start or fail triggers GPO) 1: Mask (logic BIST start or fail does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [8] E_SOL_ABIST_GPO (OL): 0: No Mask (open load self test failure triggers GPO) 1: Mask (open load self test failure does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [7] E_SOL_ABIST_GPO (LVT): 0: No Mask (lvt self test failure triggers GPO) 1: Mask (lvt self test failure does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [6] E_SOL_OL_GPO: 0: No Mask (open load triggers GPO) 1: Mask (open load does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [5] E_SOL_SHORT_GPO: 0: No Mask (lvt triggers GPO) 1: Mask (lvt does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [4] E_SOL_A2D_GPO: 0: No Mask (A2D self test failure triggers GPO) 1: Mask (A2D self test failure does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [3] E_LSCLAMP_GPO: 0: No Mask (LS clamp active triggers GPO) 1: Mask (LS clamp active does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [2] E_SOL_HSOVC_GPO: 0: No Mask (HS OVC triggers GPO) 1: Mask (HS OVC does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [1] E_SOL_LSOVC_GPO: 0: No Mask (LS OVC triggers GPO) 1: Mask (LS OVC does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 [0] E_SOL_OT_GPO: 0: No Mask (OT triggers GPO) 1: Mask (OT does not trigger GPO) Reset events: VB_UV , GND_LOSS, POR, RES1 L9300 SPI interface and register mapping DS12258 - Rev 5 page 151/178 |