công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9300 bảng dữ liệu(PDF) 125 Page - STMicroelectronics

tên linh kiện L9300
Giải thích chi tiết về linh kiện  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 bảng dữ liệu(HTML) 125 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 121Page - STMicroelectronics L9300 Datasheet HTML 122Page - STMicroelectronics L9300 Datasheet HTML 123Page - STMicroelectronics L9300 Datasheet HTML 124Page - STMicroelectronics L9300 Datasheet HTML 125Page - STMicroelectronics L9300 Datasheet HTML 126Page - STMicroelectronics L9300 Datasheet HTML 127Page - STMicroelectronics L9300 Datasheet HTML 128Page - STMicroelectronics L9300 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 178 page
background image
16.3.3
Pump registers
PUMPCFG
Pump Configuration
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
Address:
GLOBAL_BaseAddress + 0xA
Type:
RW
Reset:
0b0000 0000 0000 0000 0000
Description:
PUMPCFG register stores PUMP PWM Period, PUMP PWM Duty cycle
[19:16] unused
[15:8] PUMP PWM Period: (see Section 10.3.1: Pump pre-driver functional description)
Reset events: VB_UV, GND_LOSS, POR, RES1
[7:0] PUMP PWM Duty Cycle: (see Section 10.3.1: Pump pre-driver functional description)
Reset events: VB_UV, GND_LOSS, POR, RES1
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 125/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More