| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 266 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 266 Page - STMicroelectronics |
|
266 / 286 page ![]() Electrical characteristics L9680 266/286 DS11615 Rev 7 18 T_ES_1, T_LS_1 Message start time, Slot 1 Related to t0, Sensor Side, P8P-500-3L 44 - 58.6 μs 19 Related to t0, Sensor Side, P8P-500-3H 44 - 58.6 μs 20 Related to t0, Sensor Side, P8P-500-4H 44 - 58.6 μs 21 Related to t0, Sensor Side, P10P-500-3L 44 - 58.6 μs 22 Related to t0, Sensor Side, P10P-500-3H 44 - 58.6 μs 23 Related to t0, Sensor Side, P10P-500-4H 44 - 58.6 μs 24 T_ES_2, T_LS_2 Message start time, Slot 2 Related to t0, Sensor Side, P8P-500-3L 181.3 - 210.4 μs 25 Related to t0, Sensor Side, P8P-500-3H 181.3 - 210.4 μs 26 Related to t0, Sensor Side, P8P-500-4H 139.5 - 164.2 μs 27 Related to t0, Sensor Side, P10P-500-3L 181.3 - 210.4 μs 28 Related to t0, Sensor Side, P10P-500-3H 181.3 - 210.4 μs 29 Related to t0, Sensor Side, P10P-500-4H 139.5 - 164.2 μs 30 T_ES_3, T_LS_3 Message start time, Slot 3 Related to t0, Sensor Side, P8P-500-3L 328.9 - 373.5 μs 31 Related to t0, Sensor Side, P8P-500-3H 328.9 - 373.5 μs 32 Related to t0, Sensor Side, P8P-500-4H 245.5 - 281.3 μs 33 Related to t0, Sensor Side, P10P-500-3L 328.9 - 373.5 μs 34 Related to t0, Sensor Side, P10P-500-3H 328.9 - 373.5 μs 35 Related to t0, Sensor Side, P10P-500-4H 245.5 - 281.3 μs 36 T_s1_end_open Slot 1 End valid window, opening time Related to t0, Sensor Side, P8P-500-3L 107.2 - 127.6 μs 37 Related to t0, Sensor Side, P8P-500-3H 82 - 99.4 μs 38 Related to t0, Sensor Side, P8P-500-4H 82 - 99.4 μs 39 Related to t0, Sensor Side, P10P-500-3L 121 - 142.8 μs 40 Related to t0, Sensor Side, P10P-500-3H 91 - 109.4 μs 41 Related to t0, Sensor Side, P10P-500-4H 91 - 109.4 μs 42 T_s1_end_closure Slot 1 End valid window, closure time Related to t0, Sensor Side, P8P-500-3L 151 - 174.6 μs 43 Related to t0, Sensor Side, P8P-500-3H 119.8 - 139.9 μs 44 Related to t0, Sensor Side, P8P-500-4H 119.8 - 139.9 μs 45 Related to t0, Sensor Side, P10P-500-3L 167.8 - 193 μs 46 Related to t0, Sensor Side, P10P-500-3H 131 - 152.5 μs 47 Related to t0, Sensor Side, P10P-500-4H 131 - 152.5 μs Table 63. PSI-5 satellite transceiver - AC specifications (continued) No Symbol Parameter Conditions Min Typ Max Unit |