| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 286 page ![]() 0 1 0 0 0 0 1 1 $43 R/W GPOCTRL0 General Purpose Output 0 control register X X X X X 0 1 0 0 0 1 0 0 $44 R/W GPOCTRL1 General Purpose Output 1 control register X X X X X 0 1 0 0 0 1 0 1 $45 R/W GPOCTRL2 General Purpose Output 2 control register X X X X X 0 1 0 0 0 1 1 0 $46 R GPOFLTSR General Purpose Output fault status register 0 1 0 0 0 1 1 1 $47 0 1 0 0 1 0 0 0 $48 R/W WSS_TEST WSS testmode request X 0 1 0 0 1 0 0 1 $49 0 1 0 0 1 0 1 0 $4A R/W RSCR0 PSI5/WSS configuration register X 0 1 0 0 1 0 1 1 $4B R/W RSCR1 X 0 1 0 0 1 1 0 0 $4C R/W RSCR2 X 0 1 0 0 1 1 0 1 $4D R/W RSCR3 X 0 1 0 0 1 1 1 0 $4E R/W RSCTRL Remote sensor control register X X X X 0 1 0 0 1 1 1 1 $4F 0 1 0 1 0 0 0 0 $50 0 1 0 1 0 0 0 1 $51 0 1 0 1 0 0 1 0 $52 0 1 0 1 0 0 1 1 $53 0 1 0 1 0 1 0 0 $54 0 1 0 1 0 1 0 1 $55 0 1 0 1 0 1 1 0 $56 0 1 0 1 0 1 1 1 $57 0 1 0 1 1 0 0 0 $58 0 1 0 1 1 0 0 1 $59 0 1 0 1 1 0 1 0 $5A 0 1 0 1 1 0 1 1 $5B Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |