| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 88 Page - STMicroelectronics |
|
88 / 286 page ![]() SPI interfaces L9680 88/286 DS11615 Rev 7 7.4.10 Deployment current monitor registers (DCMTSxy) Deployment Current Monitor Status Channel 0,1 (DDCMTS01) Deployment Current Monitor Status Channel 2,3 (DDCMTS23) Deployment Current Monitor Status Channel 4,5 (DDCMTS45) Deployment Current Monitor Status Channel 6,7 (DDCMTS67) Deployment Current Monitor Status Channel 8,9 (DDCMTS89) Deployment Current Monitor Status Channel A,B (DDCMTSAB) ID: 1F (DDCMTS01) 20 (DDCMTS23) 21 (DDCMTS45) 22 (DDCMTS67) 23 (DDCMTS89) 24 (DDCMTSAB) Type: R Read: 1F00 (DDCMTS01) 2000 (DDCMTS23) 2100 (DDCMTS45) 2202 (DDCMTS67) 2300 (DDCMTS89) 2400 (DDCMTSAB) Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X X X MISO 0 0 0 0 Current_Mon_Timer_y[7:0] Current_Mon_Timer_x[7:0] Current_Mon_Timer_y[7:0] $00 $00 $00 Channel y current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel y. Increments each 16µs while deployment current exceeds monitor threshold on channel y Current_Mon_Timer_x[7:0] $00 $00 $00 Channel x current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel x. Increments each 16µs while deployment current exceeds monitor threshold on channel y |