| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 170 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 170 Page - STMicroelectronics |
|
170 / 215 page ![]() Temperature sensor L9678P, L9678P-S 170/216 DS11626 Rev 9 14 Temperature sensor The L9678P provides an internal analog temperature sensor. The sensor is aimed athaving a reference for the average junction temperature on silicon surface. The sensor is placed far away from power dissipating stages and squib/pyroswitch deployment drivers. The output of the temperature sensor is available via SPI through ADC conversion, as shown in Table 11. The formula to calculate temperature from ADC reading is the following one: @ DIAGCTRLn(ADCREQn) = 0Ahex All parametric requirements for this block can be found in specification tables. T C 180 220 1.652 --------------- ADCREF_hi 2 ADCRES ------------------------------- DIAGCTRLn ADCRESn 0.739 – – = |