công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9678P bảng dữ liệu(PDF) 99 Page - STMicroelectronics

tên linh kiện L9678P
Giải thích chi tiết về linh kiện  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P bảng dữ liệu(HTML) 99 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 95Page - STMicroelectronics L9678P Datasheet HTML 96Page - STMicroelectronics L9678P Datasheet HTML 97Page - STMicroelectronics L9678P Datasheet HTML 98Page - STMicroelectronics L9678P Datasheet HTML 99Page - STMicroelectronics L9678P Datasheet HTML 100Page - STMicroelectronics L9678P Datasheet HTML 101Page - STMicroelectronics L9678P Datasheet HTML 102Page - STMicroelectronics L9678P Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 215 page
background image
DS11626 Rev 9
99/216
L9678P, L9678P-S
SPI interface
214
INVALID 0
0
0 Invalid Data
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL or if one of the following is set: STG, STB, CURRENT_HI,
OPEN_DET, RSTEMP
Set when two valid start bits are received and a Manchester error (# of bits,
bit timing) or parity error is detected
0 No fault
1 Fault
NODATA 1
1
1 No Data in buffer
Cleared when a valid PSI frame is received or if one of the following is set:
STG, STB, CURRENT_HI, OPEN_DET, RSTEMP
Set upon SPI read of RSDRx if FIFO empty and none of the following bits are
set: STG, STB, CURRENT_HI, OPEN_DET, RSTEMP
0 No fault
1 Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More