| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 90 Page - STMicroelectronics |
|
90 / 215 page ![]() SPI interface L9678P, L9678P-S 90/216 DS11626 Rev 9 5.2.27 GPO configuration register (GPOCR) Address: 42 Type: RW Buffer: $4200 Reset: $0084 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 GPOxLS 0 0 0 GPO driver configuration bit Updated by SSM_RESET or SPI write 0 High-side Driver configuration for GPOx (ER_BOOST_OK is required to enable GPO as HS) 1 Low-side Driver configuration for GPOx (ER_BOOST_OK is not required to enable GPO as LS) |