| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 215 page ![]() SPI interface L9678P, L9678P-S 80/216 DS11626 Rev 9 Updated by SSM_RESET or Loops diagnostic state machine or when HS or LS FET is activated during DIAG state 0 FET is off during diagnostic 1 FET is on during diagnostic ST_reserved 0 0 0 ST_reserved HSR_HI 0 0 0 HSR Diagnostic - HIGH Range Updated by SSM_RESET or Loops diagnostic state machine or when squib/pyroswitch resistance test is run 0 HSR measurement < HSR HIGH value 1 HSR measurement > HSR HIGH value HSR_LO 0 0 0 HSR Diagnostic - Low Range Updated by SSM_RESET or Loops diagnostic state machine or when squib/pyroswitch resistance test is run 1 HSR measurement< HSR LOW value 0 HSR measurement > HSR LOW value RES_MEAS_CHSEL [3:0] 0000 0000 0000 Channel selected for resistance measurement Updated by SSM_RESET or Loops diagnostic state machine or as determined by squib/pyroswitch resistance channel selected 0000 = Ch 0 0001 = Ch 1 0010 = Ch 2 0011 = Ch 3 0100 - 1111 None Selected HIGH_LEV_DIAG_ SELECTED[3:0] 0000 0000 0000 0000 No diagnostic selected 0001 VRCM CHECK 0010 Leakage CHECK 0011 Short Between Loops CHECK 0100 Unused 0101 Squib/pyroswitch resistance range CHECK 0110 Squib/pyroswitch resistance measurement 0111 FET test 1000 - 1111 Unused |