| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 102 Page - STMicroelectronics |
|
102 / 215 page ![]() SPI interface L9678P, L9678P-S 102/216 DS11626 Rev 9 5.2.36 ARMx assignment registers (LOOP_MATRIX_ARMx) Assignment of ARM1 to specific loops ( LOOP_MATRIX_ARM1) Assignment of ARM2 to specific loops ( LOOP_MATRIX_ARM2) Address: 6E (LOOP_MATRIX_ARM1) 6F (LOOP_MATRIX_ARM2) Type: RW Buffer: $6E00 (LOOP_MATRIX_ARM1) $6F00 (LOOP_MATRIX_ARM2) Reset: $00DC (LOOP_MATRIX_ARM1) $00DE (LOOP_MATRIX_ARM2) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ARMx_Ly 0 0 0 Configures ARMx for Loop_y Updated by SSM_RESET or SPI write while in DIAG state 0 ARMx signal is not associated with Loopy 1 ARMx signal is associated with Loopy |