| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 106 Page - STMicroelectronics |
|
106 / 215 page ![]() SPI interface L9678P, L9678P-S 106/216 DS11626 Rev 9 5.2.40 Safing records request target registers (SAF_REQ_TARGET_x) Safing record request mask for record 1 (SAF_REQ_TARGET_1) Safing record request mask for record 2 (SAF_REQ_TARGET_2) Safing record request mask for record 3 (SAF_REQ_TARGET_3) Safing record request mask for record 4 (SAF_REQ_TARGET_4) Address: 93 (SAF_REQ_TARGET_1) 94 (SAF_REQ_TARGET_2) 95 (SAF_REQ_TARGET_3) 96 (SAF_REQ_TARGET_4) Type: RW Buffer: $9300 (SAF_REQ_TARGET_1) $9400 (SAF_REQ_TARGET_2) $9500 (SAF_REQ_TARGET_3) $9600(SAF_REQ_TARGET_4) Reset: $8026 (SAF_REQ_TARGET_1) $8028 (SAF_REQ_TARGET_2) $802A (SAF_REQ_TARGET_3) $802C (SAF_REQ_TARGET_4) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - SAF_REQ_TARGETx[15:0] MISO 0 0 0 0 SAF_REQ_TARGETx[15:0] SAF_REQ_TARGETx [15:0] 0000 0000 0000 Safing Request target for safing record x - 16-bit request target that is compared to the bit-wise AND result of the SAF_REQ_MASKx and MOSI data from SPI monitor Updated by SSM_RESET or SPI write while in DIAG state |