| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 167 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 167 Page - STMicroelectronics |
|
167 / 215 page ![]() DS11626 Rev 9 167/216 L9678P, L9678P-S System voltage diagnostics 214 Proper scaling is necessary for various voltage measurements. The divider ratios vary by measurement and are summarized by function in the table below. 0 1 1 0 0 1 1 51 Remote sensor Interface Voltages ch. 1 RSU1 0 1 1 0 1 0 0 52 Unused 0 1 1 0 1 0 1 53 Unused 0 1 1 0 1 1 0 54 SSxy Voltage ch. 0 SS01 0 1 1 0 1 1 1 55 SSxy Voltage ch. 1 SS01 0 1 1 1 0 0 0 56 SSxy Voltage ch. 2 SS23 0 1 1 1 0 0 1 57 SSxy Voltage ch. 3 SS23 0 1 1 1 0 1 0 58 Unused 0 1 1 1 0 1 1 59 Unused 0 1 1 1 1 0 0 60 Unused 0 1 1 1 1 0 1 61 Unused 0 1 1 1 1 1 0 61 Unused 0 1 1 1 1 1 1 63 Unused 1 0 0 0 0 0 0 64 Unused 1 0 0 0 0 0 1 65 Unused 1 0 0 0 0 1 0 66 VRESDIAG VRESDIAG 1 0 0 0 0 1 1 67 VDD5 VDD5 1 0 0 0 1 0 0 68 VDD3V3 VDD3V3 1 0 0 0 1 0 1 69 ISOK output voltage ISOK 1 0 0 0 1 1 0 70 SF0 voltage SF0 1 0 0 0 1 1 1 71 SF1 voltage SF1 1 0 0 1 0 0 0 72 SF2 voltage SF2 1 0 0 1 0 0 1 73 SF3 voltage SF3 1. The DC sensor resistance measurement can only be addressed through DIAGCRTL_A command. Results are available through DIAGCTRL_A and DIAGCTRL_B, where ADCRES_A will contain DCSI and ADCRES_B will contain DCSV. Table 11. Diagnostics control register (DIAGCTRLx) (continued) ADC Request (ADCREQx) Voltage measurement selection ADC Results (ADCRESx) Bit [6:0] Hex Bit [9:0] Table 12. Diagnostics divider ratios Measurements Divider Ratio 15:1 10:1 7.125:1 7:1 4:1 1:1 VER X ERBOOST X VSF X |