| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9678P bảng dữ liệu(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P bảng dữ liệu(HTML) 140 Page - STMicroelectronics |
|
140 / 215 page ![]() Watchdog timer L9678P, L9678P-S 140/216 DS11626 Rev 9 Figure 37. Watchdog timer refresh diagram 8.2 Watchdog reset assertion timer Upon a watchdog reset, the watchdog logic will momentarily assert the RESET pin for time duration twdrst. When the RESET pin has been asserted through the watchdog reset assertion timer, stored faults are maintained and can be read by the microcontroller via SPI following the RESET period. 8.3 Watchdog timer disable input (WDT/TM) This input pin has a passive pull-down and is used to disable the watchdog timer. The state of this pin can be read by SPI through the WDTDIS_S bit in the GSW register. When WDT/TM pin is asserted, the watchdog timer is disabled, the timer is reset to its starting value and no faults are generated. The WDT/TM input pin must not be biased HIGH (WDT/TM > VWD_OVERRIDE_th) prior to POR in order to have a proper start-up. GAPGPS01659 WD1INIT WD1A1 WD1B1 WD1B2 WD1A2 WD1_ERROR SPI_WD1_B SPI_WD1_A SSM_RESET TMR1>MIN & SPI_WD1_A / TMR1=0 Strobe WD1 refresh OK TMR1>MIN & SPI_WD1_B / TMR1=0 Strobe WD1 refresh OK TMR1>MAX OR [TMR1<MIN & SPI_WD1_B] TMR1>MAX OR [TMR1<MIN & SPI_WD1_A] |