| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9396 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9396 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 109 page ![]() Overall description L9396 12/109 DS12539 Rev 10 51 BSTSW Switched boost regulator output I/O Local 52 GNDBST Boost regulator ground Supply Local 53 NU Not used. To be connected to ground voltage. I Local 54 GNDD Digital Ground Supply Local 55 SDO SPI data digital output O Local 56 SDI SPI data digital input I Local 57 CLK SPI clock I Local 58 PRN MCU clock signal I/O Local 59 CS Chip select digital input I Local 60 WSO0 WSS pass-through output O Local 61 WSO1 WSS pass-through output O Local 62 WSO2 WSS pass-through output O Local 63 WSO3 WSS pass-through output O Local 64 FAULT General fault output O Local Table 2. Pins description (continued) Pin Name Description Pin type |