| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2640R2FYFVT.B bảng dữ liệu(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2640R2FYFVT.B bảng dữ liệu(HTML) 54 Page - Texas Instruments |
|
54 / 74 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) CC2640R2FRGZR Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZR.A Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZR.B Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZRG4 Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZRG4.A Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZRG4.B Active Production VQFN (RGZ) | 48 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZT Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZT.A Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRGZT.B Active Production VQFN (RGZ) | 48 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRHBR Active Production VQFN (RHB) | 32 2500 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRHBR.A Active Production VQFN (RHB) | 32 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRHBR.B Active Production VQFN (RHB) | 32 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRHBT Active Production VQFN (RHB) | 32 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRHBT.A Active Production VQFN (RHB) | 32 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRHBT.B Active Production VQFN (RHB) | 32 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 CC2640 R2F CC2640R2FRSMR Active Production VQFN (RSM) | 32 3000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-3-260C-168 HR -40 to 85 CC2640 R2F Addendum-Page 1 |