công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC2640R2FYFVT.B bảng dữ liệu(PDF) 50 Page - Texas Instruments

tên linh kiện CC2640R2FYFVT.B
Giải thích chi tiết về linh kiện  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B bảng dữ liệu(HTML) 50 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 46Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 47Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 48Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 49Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 50Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 51Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 52Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 53Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
11.2 Tools and Software
TI offers an extensive line of development tools, including tools to evaluate the performance of the processors,
generate code, develop algorithm implementations, and fully integrate and debug software and hardware
modules.
The following products support development of the CC2640R2F device applications:
Software Tools:
SmartRF Studio 7 is a PC application that helps designers of radio systems to easily evaluate the RF-IC at an
early stage in the design process.
• Test functions for sending and receiving radio packets, continuous wave transmit and receive
• Evaluate RF performance on custom boards by wiring it to a supported evaluation board or debugger
• Can also be used without any hardware, but then only to generate, edit and export radio configuration
settings
• Can be used in combination with several development kits for Texas Instruments’ CCxxxx RF-ICs
Sensor Controller Studio provides a development environment for the CC26xx Sensor Controller. The Sensor
Controller is a proprietary, power-optimized CPU in the CC26xx, which can perform simple background tasks
autonomously and independent of the System CPU state.
• Allows for Sensor Controller task algorithms to be implemented using a C-like programming language
• Outputs a Sensor Controller Interface driver, which incorporates the generated Sensor Controller machine
code and associated definitions
• Allows for rapid development by using the integrated Sensor Controller task testing and debugging
functionality. This allows for live visualization of sensor data and algorithm verification.
IDEs and Compilers:
Code Composer Studio™ Integrated Development Environment (IDE):
• Integrated development environment with project management tools and editor
• Code Composer Studio (CCS) 7.0 and later has built-in support for the CC26xx device family
• Best support for XDS debuggers; XDS100v3, XDS110 and XDS200
• High integration with TI-RTOS with support for TI-RTOS Object View
IAR Embedded Workbench® for Arm®:
• Integrated development environment with project management tools and editor
• IAR EWARM 7.80.1 and later has built-in support for the CC26xx device family
• Broad debugger support, supporting XDS100v3, XDS200, IAR I-Jet and Segger J-Link
• Integrated development environment with project management tools and editor
• RTOS plugin available for TI-RTOS
For a complete listing of development-support tools for the CC2640R2F platform, visit the Texas Instruments
website at www.ti.com . For information on pricing and availability, contact the nearest TI field sales office or
authorized distributor.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
50
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com