| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2640R2FYFVT.B bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2640R2FYFVT.B bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 74 page ![]() 7.7 Pin Diagram – RSM Package 28 29 27 30 13 12 14 11 26 15 25 16 31 10 32 9 VDDR_RF X24M_N X24M_P VSS VDDR DIO_9 VDDS DIO_8 DIO_1 JTAG_TMSC DIO_2 DCOUPL VDDS2 JTAG_TCKC DIO_3 DIO_4 Figure 7-4. RSM Package 32-Pin VQFN (4-mm × 4-mm) Pinout, 0.4-mm Pitch I/O pins marked in Figure 7-4 in bold have high-drive capabilities; they are as follows: • Pin 8, DIO_0 • Pin 9, DIO_1 • Pin 10, DIO_2 • Pin 13, JTAG_TMSC • Pin 15, DIO_3 • Pin 16, DIO_4 I/O pins marked in Figure 7-4 in italics have analog capabilities; they are as follows: • Pin 22, DIO_5 • Pin 23, DIO_6 • Pin 24, DIO_7 • Pin 25, DIO_8 • Pin 26, DIO_9 www.ti.com CC2640R2F SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 15 Product Folder Links: CC2640R2F |