công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

640468 bảng dữ liệu(PDF) 68 Page - TE Connectivity Ltd

tên linh kiện 640468
Giải thích chi tiết về linh kiện  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 bảng dữ liệu(HTML) 68 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 64Page - TE Connectivity Ltd 640468 Datasheet HTML 65Page - TE Connectivity Ltd 640468 Datasheet HTML 66Page - TE Connectivity Ltd 640468 Datasheet HTML 67Page - TE Connectivity Ltd 640468 Datasheet HTML 68Page - TE Connectivity Ltd 640468 Datasheet HTML 69Page - TE Connectivity Ltd 640468 Datasheet HTML 70Page - TE Connectivity Ltd 640468 Datasheet HTML 71Page - TE Connectivity Ltd 640468 Datasheet HTML 72Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
68
Straight Post Headers,
Low-Profile
.312 [7.92] Centerline
Material and Finish
(RoHS Compliant)
Housing — UL 94V-0 rated natural
color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post — Tin-plated brass
Related Product Data
Mating Plug Housings — Page 64
Number of
Dimension
Part Number
Positions
A
Bulk Pack
Tube Loaded (Pcs. per Tube)
2
.465 [11.82]
1-1123724-2
1-1318301-2 (40)
3.777 [19.74]
1-1123724-3
1-1318301-3 (24)
4
1.089 [27.66]
1-1123724-4
1-1318301-4 (17)
5
1.401 [35.58]
1-1123724-5
1-1318301-5 (13)
A
.077 [1.95]
.028 [0.7]
.312 [7.92]
Centerline
.077 [1.95]
.045 Sq. Post
[1.14]
.244 [6.2]
.118 [3.0]
.146 [3.7]
.303 [7.7]
.312 [7.92] Centerline
Recommended PC Board Layout
Acceptable Board Thickness
.062 [1.57]
.063 +.004/-0 Dia. Punched Hole
[1.60 +0.1/-0]
.065 +.004/-0 Dia. Drilled Hole
[1.65 +0.1/-0]
.335
[8.5]
.268
[6.8]
Post No. 1
Mating Height
(Low-Profile)
Mating Height
.642 [16.3]
AMP Economy Power (EP) Wire-to-Board Connector System (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com