| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
640468 bảng dữ liệu(PDF) 31 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 bảng dữ liệu(HTML) 31 Page - TE Connectivity Ltd |
|
31 / 84 page ![]() 31 Product Facts I Low cost wire-to-board interconnections I Wide wire range for single contact I Tin and gold plated contacts I Mates with specified MTA and similar competitive notched headers I Plastic latching feature in housing helps prevent con- tact backout I Locking ramps and polariz- ing tabs are standard I For keying purposes use keying plug 641994-1 (page 17) I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Certified by Canadian Standards Association, File No. LR7189 For mateability options, see matrix on pages 12 and 13. For mating half visuals, see pages 21 thru 29 and 32. See page 15 for an explanation of RoHS lead free equivalents. ® .260 [6.60] Ref. .510 [12.95] .190 [4.83] A .100 [2.54] Typ. .060 [1.52] Typ. Performance Data Voltage Rating — 250 vac Current Rating — 4 amp max. Low-Level Resistance — 6 m max. initial; 10 m max. final Insulation Resistance — 1000 M min. initial; 100 M min. final Operating Temperature — 55 C to 105 C Technical Documents Product Specification 108-1948 Application Specification 114-13036 Instruction Sheet 408-8493 No. of Dim. Part Pos. A Numbers 2 .220 1375820-2 5.59 3 .320 1375820-3 8.13 4 .420 1375820-4 10.67 5 .520 1375820-5 13.21 6 .620 1375820-6 15.75 7 .720 1375820-7 18.29 8 .820 1375820-8 20.83 9 .920 1375820-9 23.37 10 1.020 1-1375820-0 25.91 11 1.120 1-1375820-1 28.45 12 1.220 1-1375820-2 30.99 13 1.320 1-1375820-3 33.53 14 1.420 1-1375820-4 36.07 15 1.520 1-1375820-5 38.61 No. of Dim. Part Pos. A Numbers 16 1.620 1-1375820-6 41.15 17 1.720 1-1375820-7 43.69 18 1.820 1-1375820-8 46.23 19 1.920 1-1375820-9 48.77 20 2.020 2-1375820-0 51.31 21 2.120 2-1375820-1 53.85 22 2.220 2-1375820-2 56.39 23 2.320 2-1375820-3 58.93 24 2.420 2-1375820-4 61.47 25 2.520 2-1375820-5 64.01 26 2.620 2-1375820-6 66.55 27 2.720 2-1375820-7 69.09 28 2.820 2-1375820-8 71.63 Application Tooling Loose Piece Contacts — Hand Tool No. 58517-3 (408-4064) Strip Contacts — AMP-O-LECTRIC Model “G” Termination Machine* Applicator No. 567373-3 (Request Catalog 65828) AMP-O-MATIC Stripper-Crimper Machine* Applicator No. 567910-1 or 567827-1 (with CQM) (Request Catalog 65004) AMPOMATOR CLS IIIG Lead Making Machine* (Request Catalog 82659) *Requires applicators. For part numbers, call Technical Support. Contacts Part Numbers Tin Plated 15 Au Gold Plated 30 Au Gold Plated 1375819-1 (Strip) 1375819-2 (Strip) 1375819-3 (Strip) 1445336-1 (Loose Piece) 1445336-2 (Loose Piece) 1445336-3 (Loose Piece) Material and Finish (RoHS Compliant) Phosphor bronze, pretinned or .000015 [.00038] gold, over nickel .000030 [0.00076] gold over nickel Wire Range — 22–26 AWG [0.35–0.13 mm2] Max. Ins. Dia. — .065 [1.65] Housing* Material (RoHS Compliant) UL94V-0 rated, nylon, white .195 [4.95] .440 [11.17] .016±.002 [.406±.051] *Housings without polarizing tabs may be manufactured upon request. Minimums may apply. Contact product engineering or product manager for details. .100 [2.54] Centerline CST-100 II Crimp Contacts and Housings MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |