| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
640468 bảng dữ liệu(PDF) 57 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 bảng dữ liệu(HTML) 57 Page - TE Connectivity Ltd |
|
57 / 84 page ![]() 57 Dust Cover Material (RoHS Compliant) UL94V-0 rated, polyester, white Cover is for both Closed End and Feed-Thru connectors Cover Ordering Information The “Base Part Numbers” Chart at right shows the base part number and number of circuits available for the described cover. Prefixes and suffixes are determined by the number of circuit positions in the cover. For example, the complete part number for a 12-position dust cover would be: Base number 641106 plus prefix-and-suffix 1- — -2 The correct ordering number is 1-641106-2 .130 [3.3] .609 [15.47] .126 [3.2] .100 [2.54] Locking Plugs Material (RoHS Compliant) UL94V-2 rated, nylon, white Part Number 641101-1 A .130 [3.3] .530 [13.46] Retention Dimple No. of Dim. Prefix/ Circuits A Suffix 3 .504 -3 12.80 6 .972 -6 24.69 9 1.440 -9 36.58 12 1.908 1- -2 48.46 15 2.376 1- -5 60.35 18 2.844 1- -8 72.24 20 3.156 2- -0 80.16 21 3.312 2- -1 84.12 22 3.468 2- -2 88.09 23 3.624 2- -3 92.05 24 3.780 2- -4 96.01 .195 [4.95] .075 [1.91] .074 [1.88] 1.150 [29.21] Note: Contact can remain during locking plug installation. Material (RoHS Compliant) UL94V-2 rated, nylon, white Part Number 641293-1 .900 [22.86] .170 [4.32] .100 [2.54] Note: Contact must be removed to install locking plug. Base Part Number Cover Part No. No. of Circuits 641106 3, 6, 9, 12, 15, 18, 20-24 Replacement IDC Contacts Material and Finish Phosphor bronze; post tin plated Part Numbers 3-640991-1 (18 AWG [0.8-0.9 mm2]) 3-640992-1 (20 AWG [0.5-0.6 mm2]) 3-640993-1 (22 AWG [0.3-0.4 mm2]) 3-640994-1 (24 AWG [0.2 mm2]) 3-640995-1 (26 AWG [0.12-0.15 mm2]) MTA-156 IDC Card Edge Accessories MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |